PART |
Description |
Maker |
SPPDS-01 |
Development Suite for SPP-01
|
Frequency Devices, Inc.
|
STPAY-J-D38-DVX |
Dual Interface DDA Dynamic Java with 38Kbytes EEPROM
|
ST Microelectronics
|
STPAY-J-D18-DVX |
Dual Interface DDA Dynamic Java with 18Kbytes EEPROM
|
ST Microelectronics
|
MJ15001 MJ15002 ON1979 NH15002 |
15 A, 140 V, PNP, Si, POWER TRANSISTOR, TO-204AA From old datasheet system 15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
|
MOTOROLA INC Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
SF0140BA03073S |
140 MHz Low Loss SAW Filters From old datasheet system 140 MHz Filter 18 MHz Bandwidth
|
ICS Integrated Circuit Systems
|
SF0140BA03072S |
140 MHz Filter 16 MHz Bandwidth From old datasheet system 140 MHz Low Loss SAW Filters
|
Integrated Circuit Systems ICS
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD9884 AD9884/PCB AD9884AKSZ-100 AD9884AKSZ-140 AD |
Triple 8-Bit, 140 MSPS ADC, RGB Graphics Digitizer for SXGA LCD Monitors 100 MSPS/140 MSPS Analog Flat Panel Interface SPECIALTY CONSUMER CIRCUIT, PQFP128
|
ANALOG DEVICES INC
|
EVALPAN1322 |
All-In-One, Place and Play Bluetooth Module
|
Panasonic Semiconductor
|
GS1G GS1J GS1B |
LOW PROFILE PACKAGE, EASY PICK AND PLACE
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
11-00015 |
20802 Sockeye Place #130 Bend, OR 97701 USA
|
Tensility International Corp.
|